Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1934X Datasheet (PDF) - NTE Electronics

Part # NTE1934X
Description  Integrated Circuit Positive Voltage Regulator, 5V, 2A
File Size   21.95 Kbytes
Html View  1   2 
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1934X Datasheet (PDF) - NTE Electronics

Click to view in HTML datasheet.


Similar Part No. - NTE1934X

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1934 NTE-NTE1934 Datasheet
22Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 5V, 2A
More results


Similar Description - NTE1934X

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1934 NTE-NTE1934 Datasheet
22Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 5V, 2A
NTE1940 NTE-NTE1940 Datasheet
22Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 24V, 2A
NTE1936 NTE-NTE1936 Datasheet
22Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 12V, 2A
NTE1938 NTE-NTE1938 Datasheet
22Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 15V, 2A
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
NTE1942 NTE-NTE1942 Datasheet
28Kb / 3P
   Integrated Circuit Positive Adjustable Voltage Regulator, 2.85V to 36V, 2A
NTE1930 NTE-NTE1930 Datasheet
21Kb / 3P
   Integrated Circuit Positive Adjustable Voltage Regulator, 5V to 37V, 25mA
NTE7124 NTE-NTE7124 Datasheet
32Kb / 3P
   Integrated Circuit Positive 5V Regulator w/Reset Function
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com