Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZNDC-23-2G Datasheet (PDF) - Mini-Circuits

Part # ZNDC-23-2G
Description  Directional Coupler 50??23dB 800 to 2000 MHz
File Size   109.67 Kbytes
Html View  1 
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZNDC-23-2G Datasheet (PDF) - Mini-Circuits

Click to view in HTML datasheet.


Similar Part No. - ZNDC-23-2G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZNDC-20-2G MINI-ZNDC-20-2G Datasheet
109Kb / 1P
   Directional Coupler 50??20dB 800 to 2000 MHz
More results


Similar Description - ZNDC-23-2G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZNDC-13-2G MINI-ZNDC-13-2G Datasheet
166Kb / 1P
   Directional Coupler 50??13dB 800 to 2000 MHz
ZNDC-15-2G MINI-ZNDC-15-2G Datasheet
167Kb / 1P
   Directional Coupler 50??15dB 800 to 2000 MHz
ZNDC-18-2G MINI-ZNDC-18-2G Datasheet
166Kb / 1P
   Directional Coupler 50??18dB 800 to 2000 MHz
ZNDC-20-2G MINI-ZNDC-20-2G Datasheet
109Kb / 1P
   Directional Coupler 50??20dB 800 to 2000 MHz
ZX30-17-5 MINI-ZX30-17-5 Datasheet
66Kb / 1P
   Directional Coupler 50??5 to 2000 MHz
TCD-9-1W MINI-TCD-9-1W Datasheet
285Kb / 1P
   Directional Coupler 50廓 5 to 2000 MHz
TCD-9-1W-75 MINI-TCD-9-1W-75 Datasheet
282Kb / 1P
   Directional Coupler 75廓 5 to 2000 MHz
JDC-20-5 MINI-JDC-20-5 Datasheet
313Kb / 1P
   Directional Coupler 50廓 50 to 1500 MHz
JDC-20-1W MINI-JDC-20-1W Datasheet
307Kb / 1P
   Directional Coupler 50廓 50 to 750 MHz
DBTC-17-5_5L MINI-DBTC-17-5_5L Datasheet
122Kb / 1P
   Surface Mount Directional Couplers 50??50 to 2000 MHz
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com