Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6394D Datasheet (PDF) - ON Semiconductor

Part # EN6394D
Description  Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
File Size   583.78 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN6394D Datasheet (PDF) - ON Semiconductor

Click to view in HTML datasheet.


Similar Part No. - EN6394D

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
EN63 COOPER-EN63 Datasheet
126Kb / 2P
   Quick-Connect Power Distribution Blocks
logo
Sanyo Semicon Device
EN6306A SANYO-EN6306A Datasheet
92Kb / 5P
   DC / DC Converter Applications
EN6307C SANYO-EN6307C Datasheet
473Kb / 8P
   DC / DC Converter Applications
logo
ON Semiconductor
EN6307C ONSEMI-EN6307C Datasheet
364Kb / 8P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
EN6309C SANYO-EN6309C Datasheet
467Kb / 8P
   DC / DC Converter Applications
More results


Similar Description - EN6394D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3107 ONSEMI-CPH3107 Datasheet
581Kb / 6P
   Bipolar Transistor -15V, -6A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH6101 ONSEMI-MCH6101 Datasheet
526Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single MCPH6
September, 2013
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
   Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
   Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
   Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
CPH3101 ONSEMI-CPH3101 Datasheet
588Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com