Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130149-0008 Datasheet (PDF) - Molex Electronics Ltd.

Part # 130149-0008
Description  Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-15, 125V
File Size   42.92 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130149-0008 Datasheet (PDF) - Molex Electronics Ltd.

Click to view in HTML datasheet.


Similar Part No. - 130149-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130149-0001 MOLEX11-130149-0001 Datasheet
52Kb / 1P
   Safeway Flanged Receptacle, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V
130149-0005 MOLEX11-130149-0005 Datasheet
42Kb / 1P
   Safeway Flanged Inlet, 2 Pole/2 Wire, NEMA 1-15, 125V
130149-0006 MOLEX11-130149-0006 Datasheet
52Kb / 1P
   Safeway Flanged Inlet, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V
130149-0007 MOLEX11-130149-0007 Datasheet
46Kb / 1P
   Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-20, 125V
More results


Similar Description - 130149-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301490094 MOLEX11-1301490094 Datasheet
34Kb / 1P
   Safeway Flanged Inlet 2 Pole/3 Wire, NEMA 5-15, 125V
130149-0094 MOLEX11-130149-0094 Datasheet
41Kb / 1P
   Safeway Flanged Inlet 2 Pole/3 Wire, NEMA 5-15, 125V
1301490008 MOLEX11-1301490008 Datasheet
35Kb / 1P
   Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-15, 125V
130149-0007 MOLEX11-130149-0007 Datasheet
46Kb / 1P
   Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-20, 125V
1301490007 MOLEX11-1301490007 Datasheet
39Kb / 1P
   Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-20, 125V
1301490005 MOLEX11-1301490005 Datasheet
35Kb / 1P
   Safeway Flanged Inlet, 2 Pole/2 Wire, NEMA 1-15, 125V
130149-0005 MOLEX11-130149-0005 Datasheet
42Kb / 1P
   Safeway Flanged Inlet, 2 Pole/2 Wire, NEMA 1-15, 125V
130149-0012 MOLEX11-130149-0012 Datasheet
43Kb / 1P
   Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 5-15, 125V
130149-0016 MOLEX11-130149-0016 Datasheet
41Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
1301490016 MOLEX11-1301490016 Datasheet
34Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com