Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD4825-10 Datasheet (PDF) - Crydom Inc.,

Part # HD4825-10
Description  Ratings from 12A to 125A 48-530 VAC
File Size   760.71 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

HD4825-10 Datasheet (PDF) - Crydom Inc.,

Click to view in HTML datasheet.


Similar Part No. - HD4825-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD4825 ETC1-HD4825 Datasheet
46Kb / 3P
   12-90Amp 480 Vac AC Output
logo
Crydom Inc.,
HD4825 CRYDOM-HD4825 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
HD4825 CRYDOM-HD4825 Datasheet
760Kb / 8P
   panel mount
HD4825FPGSH-10 CRYDOM-HD4825FPGSH-10 Datasheet
760Kb / 8P
   HA / HD48 Series
HD4825KPGSH-10 CRYDOM-HD4825KPGSH-10 Datasheet
760Kb / 8P
   HA / HD48 Series
More results


Similar Description - HD4825-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HD4890-10 CRYDOM-HD4890-10 Datasheet
811Kb / 5P
   Ratings from 12A to 125A 48-530 VAC
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
D2410-10 CRYDOM-D2410-10 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
A2450PG CRYDOM-A2450PG Datasheet
935Kb / 6P
   Crydoms signature family of solid-state relays. Ratings from 10A to 125A 24-280 VAC
logo
Teledyne Technologies I...
SH24D25 TELEDYNE-SH24D25 Datasheet
913Kb / 8P
   Output to 125A, 690 Vac
logo
Crydom Inc.,
SDV2415R CRYDOM-SDV2415R Datasheet
608Kb / 5P
   Ratings to 1.5A @ 280 VAC
EZE240A12SR CRYDOM-EZE240A12SR Datasheet
796Kb / 5P
   Compact design for low-profile applications; Ratings from 5A to 18A @ 600 VAC
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
   Output to 12A 280 Vac DC Control
logo
Mallory Sonalert Produc...
ZA120LADP2 MSPI-ZA120LADP2 Datasheet
132Kb / 1P
   Voltage Rating 48 to 120 VAC
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com