Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D92-02 Datasheet (PDF) - Nell Semiconductor Co., Ltd

Part # D92-02
Description  Ultrafast Soft Recovery Diode, 2 x 10 A
File Size   431.52 Kbytes
Html View  1   2   3   4   5 
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

D92-02 Datasheet (PDF) - Nell Semiconductor Co., Ltd

Click to view in HTML datasheet.


Similar Part No. - D92-02

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
D92-02 THINKISEMI-D92-02 Datasheet
920Kb / 2P
   Ultrafast Recovery Rectifier
logo
HY ELECTRONIC CORP.
D92-02 HY-D92-02 Datasheet
319Kb / 3P
   Fast Recovery Epitaxial Diode
logo
MacMic
D92-02 MACMIC-D92-02 Datasheet
680Kb / 3P
   220V 20A FRED
logo
Jiangsu Donghai Semicon...
D92-02A WXDH-D92-02A Datasheet
513Kb / 5P
   10A 200V Fast recovery diode
logo
HY ELECTRONIC CORP.
D92-02 HY-D92-02_V01 Datasheet
319Kb / 3P
   Fast Recovery Epitaxial Diode
More results


Similar Description - D92-02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA30TA60CS VISHAY-HFA30TA60CS Datasheet
180Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Oct-08
HFA30TA60CSPBF VISHAY-HFA30TA60CSPBF Datasheet
182Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Oct-08
HFA08TA60CS VISHAY-HFA08TA60CS Datasheet
126Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 22-Oct-08
HFA16PA120C VISHAY-HFA16PA120C Datasheet
128Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 30-Jul-08
HFA12PA120CPBF VISHAY-HFA12PA120CPBF Datasheet
134Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 6 A
Revision: 25-Aug-08
HFA16PA60C VISHAY-HFA16PA60C Datasheet
213Kb / 7P
   Ultrafast, Soft Recovery Diode, 2 x 8 A
Revision: 29-Jul-08
HFA16TA60C VISHAY-HFA16TA60C Datasheet
205Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 29-Jul-08
HFA30PA60C VISHAY-HFA30PA60C Datasheet
211Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 29-Jul-08
HFA30TA60CPBF VISHAY-HFA30TA60CPBF Datasheet
207Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 25-Jul-08
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF Datasheet
129Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 22-Oct-08
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com