Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB360EC Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB360EC
Description  SAW Filter 360 MHz SMD3.8x3.8 mm
File Size   415.04 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB360EC Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Click to view in HTML datasheet.


Similar Part No. - TB360EC

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB360EC GOLLEDGE-TB360EC Datasheet
347Kb / 7P
   SAW Filter 360.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB360ECB TAI-SAW-TB360ECB Datasheet
529Kb / 8P
   SAW Filter 360MHz
More results


Similar Description - TB360EC

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0282A TAI-SAW-TC0282A Datasheet
330Kb / 5P
   SAW Resonator 460 MHz SMD3.8X3.8 mm
TC0281A TAI-SAW-TC0281A Datasheet
237Kb / 5P
   SAW Resonator 456 MHz SMD3.8X3.8 mm
TC0283A TAI-SAW-TC0283A Datasheet
237Kb / 5P
   SAW Resonator 462.5375 MHz SMD3.8X3.8 mm
TC0280A TAI-SAW-TC0280A Datasheet
332Kb / 5P
   SAW Resonator 455 MHz SMD3.8X3.8 mm
TC0287A TAI-SAW-TC0287A Datasheet
311Kb / 5P
   SAW Resonator 302 MHz SMD3.8X3.8 mm
TE0113A TAI-SAW-TE0113A Datasheet
349Kb / 10P
   Dual SAW Filter 360 / 380 MHz
TB0655A TAI-SAW-TB0655A Datasheet
354Kb / 7P
   SAW Filter 360 MHz SMD 7.0mmx5.0mm
logo
KR Electronics, Inc.
2854 KR-2854 Datasheet
49Kb / 2P
   360 MHz bandpass filter
3218-360-SMA KR-3218-360-SMA Datasheet
98Kb / 3P
   360 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TR0026A TAI-SAW-TR0026A Datasheet
199Kb / 7P
   Dielectric Filter 5697MHz SMD 8.6x3.35 mm (BW=360 MHz)
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com