Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G73Z-20Z Datasheet (PDF) - Omron Electronics LLC

Part # G73Z-20Z
Description  Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
File Size   1221.15 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G73Z-20Z Datasheet (PDF) - Omron Electronics LLC

Click to view in HTML datasheet.


Similar Part No. - G73Z-20Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
   Desktop Cases
G73AD-DC12 ETC1-G73AD-DC12 Datasheet
44Kb / 2P
   G73
G73AD-DC12A ETC1-G73AD-DC12A Datasheet
44Kb / 2P
   G73
G73AD-DC12C ETC1-G73AD-DC12C Datasheet
44Kb / 2P
   G73
G73AD-DC24 ETC1-G73AD-DC24 Datasheet
44Kb / 2P
   G73
More results


Similar Description - G73Z-20Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8PE OMRON-G8PE Datasheet
498Kb / 3P
   High current carrying and switching automotive PCB relay.
G9EJ OMRON-G9EJ Datasheet
951Kb / 4P
   DC Power Relays Capable of DC Loading at High Voltage and Current
logo
Schneider Electric
8910DPA73V06 SCHNEIDER-8910DPA73V06 Datasheet
116Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
8910DPA73RV06 SCHNEIDER-8910DPA73RV06 Datasheet
108Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
8910DPA73RV06 SCHNEIDER-8910DPA73RV06_V01 Datasheet
168Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
May 23, 2022
8910DPA73V06 SCHNEIDER-8910DPA73V06_V01 Datasheet
121Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
May 20, 2022
logo
Omron Electronics LLC
G7L-X OMRON-G7L-X Datasheet
138Kb / 4P
   Compact Power Relay Capable of Switching 1,000 VDC Loads
logo
List of Unclassifed Man...
MHP-TA15-9-72 ETC2-MHP-TA15-9-72 Datasheet
348Kb / 6P
   Two levels of current carrying capacity:
logo
Fujitsu Component Limit...
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
logo
Panasonic Semiconductor
T-10 PANASONIC-T-10 Datasheet
386Kb / 7P
   Multi-purpose Snap Switches capable of 10 A
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com