Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2419T6R Datasheet (PDF) - Renesas Technology Corp

Part # UPG2419T6R
Description  GaAs Integrated Circuit SPDT Switch for 4.0 GHz to 5.0 GHz
File Size   275.04 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPG2419T6R Datasheet (PDF) - Renesas Technology Corp

Click to view in HTML datasheet.


Similar Part No. - UPG2419T6R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2411T6R RENESAS-UPG2411T6R Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2411T6R-E2 RENESAS-UPG2411T6R-E2 Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2411T6R-E2-A RENESAS-UPG2411T6R-E2-A Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2411T7C RENESAS-UPG2411T7C Datasheet
220Kb / 11P
   GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
UPG2411T7C-E3 RENESAS-UPG2411T7C-E3 Datasheet
220Kb / 11P
   GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
More results


Similar Description - UPG2419T6R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2185T6R RENESAS-UPG2185T6R Datasheet
122Kb / 11P
   GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK Datasheet
770Kb / 16P
   GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
logo
Renesas Technology Corp
UPG2411T7C RENESAS-UPG2411T7C Datasheet
220Kb / 11P
   GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
UPG2411T6R RENESAS-UPG2411T6R Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2422TK RENESAS-UPG2422TK Datasheet
275Kb / 17P
   GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
Jan 20, 2011
logo
M/A-COM Technology Solu...
MASW4030G MA-COM-MASW4030G_15 Datasheet
488Kb / 5P
   GaAs SPDT Switch DC - 4.0 GHz
MASW4030G MA-COM-MASW4030G Datasheet
66Kb / 4P
   GaAs SPDT Switch DC - 4.0 GHz
logo
Hittite Microwave Corpo...
HMC240 HITTITE-HMC240 Datasheet
115Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 4.0 GHz
logo
Analog Devices
HMC1055 AD-HMC1055 Datasheet
289Kb / 10P
   0.5 GHz to 4.0 GHz, GaAs, SPST Switch
logo
M/A-COM Technology Solu...
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
   GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com