Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB833 Datasheet (PDF) - Siemens Semiconductor Group

Part # BB833
Description  Silicon Tuning Diode (Extented frequency range up to 2.5 GHz; special design for use in TV-SAT indoor units)
File Size   24.31 Kbytes
Html View  1   2 
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BB833 Datasheet (PDF) - Siemens Semiconductor Group

Click to view in HTML datasheet.


Similar Part No. - BB833

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
   Silicon Tuning Diodes
Nov-07-2002
BB833 INFINEON-BB833 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
More results


Similar Description - BB833

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB837 SIEMENS-BB837 Datasheet
43Kb / 3P
   Silicon Tuning Diode (Extented frequency range up to 2.8 GHz special design for use in TV-sat indoor units)
BB835 SIEMENS-BB835 Datasheet
24Kb / 2P
   Silicon Tuning Diode (Extended frequency range up to 2.8 Ghz ; special design for use in TV-sat indoor units)
BB831 SIEMENS-BB831 Datasheet
63Kb / 3P
   Silicon Variable Capacitance Diode (Frequency range up to 2 GHz special design for use in TV-sat indoor units)
BB811 SIEMENS-BB811 Datasheet
26Kb / 2P
   Silicon Variable Capacitance Diode (Frequency range up to 2 GHz; special design for use in TV-sat indoor units)
BB857 SIEMENS-BB857 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For SAT-indoor-units High capacitance ratio Low series inductance)
logo
Pasternack Enterprises,...
PE15A5011 PASTERNACK-PE15A5011 Datasheet
503Kb / 7P
   0.03 GHz to 2.5 GHz Frequency Range
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
   Frequency Range 2.4 GHz to 2.5 GHz
logo
Sanyo Semicon Device
SVC241 SANYO-SVC241 Datasheet
28Kb / 4P
   Varactor Diode For AM Up Conversion Tuning Use
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com