Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-QFE44SE-L-Z-T-01 Datasheet (PDF) - Ironwood Electronics.

Part # CA-QFE44SE-L-Z-T-01
Description  Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
File Size   23.98 Kbytes
Html View  1 
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-QFE44SE-L-Z-T-01 Datasheet (PDF) - Ironwood Electronics.

Click to view in HTML datasheet.


Similar Part No. - CA-QFE44SE-L-Z-T-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CA-QFE44SE-M-Z-T-01 IRONWOOD-CA-QFE44SE-M-Z-T-01 Datasheet
21Kb / 1P
   Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
More results


Similar Description - CA-QFE44SE-L-Z-T-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CA-QFE44SE-M-Z-T-01 IRONWOOD-CA-QFE44SE-M-Z-T-01 Datasheet
21Kb / 1P
   Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
CA-QFE44SA-M-Z-T-01 IRONWOOD-CA-QFE44SA-M-Z-T-01 Datasheet
40Kb / 1P
   Carrier Adaptor 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position (0.05" center) Mini-grid socket interface.
CA-QFE44SB-L-Z-T-01 IRONWOOD-CA-QFE44SB-L-Z-T-01 Datasheet
22Kb / 1P
   QFP CARRIER ADAPTOR 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position surface mountable QFP emulator foot.
CA-QFE44SA-L-Z-T-01 IRONWOOD-CA-QFE44SA-L-Z-T-01 Datasheet
21Kb / 1P
   Carrier Adaptor 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position surface mountable QFP emulator foot.
CA-QFE64SA-L-Z-01 IRONWOOD-CA-QFE64SA-L-Z-01 Datasheet
30Kb / 1P
   Carrier Adaptor 64 position (0.8mm pitch) QFP ZIF socket to 64 position surface mountable QFP emulator foot.
CA-QFE44SH-L-Z-T-01 IRONWOOD-CA-QFE44SH-L-Z-T-01 Datasheet
26Kb / 1P
   Carrier Adaptor (CA), QFP 44 position QFP ZIF socket with test points to 44 position QFP surface mount foot (leadless).
CA-PLCC44-D-M-T-01 IRONWOOD-CA-PLCC44-D-M-T-01 Datasheet
23Kb / 1P
   Carrier Adaptor (CA): 44 position PLCC production socket with test points to mini-grid array interface.
CA-PLCC44-D-P-T-01 IRONWOOD-CA-PLCC44-D-P-T-01 Datasheet
28Kb / 1P
   CARRIER ADAPTOR: 44 position socket with test points to 44 position surface mountable foot.
CA-QFE32SA-M-Z-T-02F IRONWOOD-CA-QFE32SA-M-Z-T-02F Datasheet
30Kb / 1P
   Carrier Adaptor (CA) 32 position QFP ZIF socket (mini-grid on 0.040" centers) to 32 position mini grid socket with test points.
CA-QFE52SA-L-Z-01 IRONWOOD-CA-QFE52SA-L-Z-01 Datasheet
17Kb / 1P
   Carrier Adaptor 52 position (0.65mm pitch) QFP Zero Insertion Force socket to 52 position surface mountable QFP emulator foot.
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com