Manufacturer | Part # | Datasheet | Description |
Molex Electronics Ltd. |
0887667710
|
163Kb / 3P |
1.90mm (.075) Pitch MicroCross??P&D Analog (M)-to-VGA (Male) USB Type A (M), 3.0m (9.84) Length, Leadfree
|
0887667700
|
163Kb / 3P |
1.90mm (.075) Pitch MicroCross??P&D Analog (M)-to-VGA (Male) USB Type A (M), 2.0m (6.56) Length, Leadfree
|
0887667820
|
320Kb / 4P |
1.90mm (.075) Pitch MicroCross??P&D Digital (M)-to-DVI Digital (M) USB Type A (M), 5.0m (16.40) Length, Leadfree
|
0887667800
|
186Kb / 3P |
1.90mm (.075) Pitch MicroCross??P&D Digital (M)-to-DVI Digital (M) USB Type A (M), 2.0m (6.56) Length, Leadfree
|
0887667810
|
186Kb / 3P |
1.90mm (.075) Pitch MicroCross??P&D Digital (M)-to-DVI Digital (M) USB Type A (M), 3.0m (9.84) Length, Leadfree
|
0887645900
|
202Kb / 5P |
0.50mm (.020) Pitch HDMI*(F) To 1.90mm (.075) Pitch P&D(M) Adapter
|
0887418320
|
180Kb / 3P |
MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to VGA, Black, 5.0m (16.40) Length
|
0887418420
|
184Kb / 3P |
MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to P&D-Analog, Black, 5.0m (16.40) Length
|
0887670600
|
724Kb / 3P |
0.50mm (.020) Pitch HDMI*(F) To 1.90mm (.075) Pitch DVI-D(M) Adapter
|
0887642000
|
593Kb / 8P |
0.50mm (.020) Pitch HDMI*(M) To 1.90mm (.075) Pitch DVI-D(F) Adapter
|