Manufacturer | Part # | Datasheet | Description |
Molex Electronics Ltd. |
0014564200
|
151Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 24, 0.76關m (30關") Gold (Au), 20 Circuits
|
0014564201
|
165Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version D, Back Ribs, Wire Size 24, 0.76關m (30關") Gold (Au), 20 Circuits
|
0014564202
|
171Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 26, 0.76關m (30關") Gold (Au), 20 Circuits
|
0014564204
|
169Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 28, 0.76關m (30關") Gold (Au), 20 Circuits
|
0014564205
|
168Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version D, Back Ribs, Wire Size 28, 0.76關m (30關") Gold (Au), 20 Circuits
|