Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-796462 Datasheet (PDF) - Tyco Electronics

Part # C-796462
Description  BOARD MT. SCREWLESS 5.0mm SIDE WIRE ENTRY TERMINAL BLOCK 5.0mm PITCH (LT)
File Size   60.21 Kbytes
Html View  1   2 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

C-796462 Datasheet (PDF) - Tyco Electronics

Click to view in HTML datasheet.


Similar Part No. - C-796462

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796460 MACOM-C-796460 Datasheet
169Kb / 2P
   BOARD MT, SCREWLESS 5.0mm TOP WIRE ENTRY TERMINAL BLOCK (LT)
C-796461 MACOM-C-796461 Datasheet
66Kb / 2P
   BOARD MT. SCREWLESS TOP WIRE ENTRY TERMINAL BLOCK (LT)
C-796463 MACOM-C-796463 Datasheet
66Kb / 2P
   BOARD MT. SCREWLESS 5.08mm SIDE WIRE ENTRY TERMINAL BLOCK (LT)
More results


Similar Description - C-796462

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796460 MACOM-C-796460 Datasheet
169Kb / 2P
   BOARD MT, SCREWLESS 5.0mm TOP WIRE ENTRY TERMINAL BLOCK (LT)
C-796463 MACOM-C-796463 Datasheet
66Kb / 2P
   BOARD MT. SCREWLESS 5.08mm SIDE WIRE ENTRY TERMINAL BLOCK (LT)
C-796461 MACOM-C-796461 Datasheet
66Kb / 2P
   BOARD MT. SCREWLESS TOP WIRE ENTRY TERMINAL BLOCK (LT)
1776259-2 MACOM-1776259-2 Datasheet
149Kb / 2P
   TERMINAL BLOCK, BOARD MT.SCREWLESS, TOP WIRE ENTRY, 5.0mm PITCH, HIGH TEMP
C-796748 MACOM-C-796748 Datasheet
55Kb / 1P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.0mm PITCH
C-1546019 MACOM-C-1546019 Datasheet
53Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-1776708 MACOM-C-1776708 Datasheet
76Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-1546214 MACOM-C-1546214 Datasheet
52Kb / 1P
   TERMINAL BLOCK PIN HEADER, UNSHROUDED, 5.0mm PITCH
C-282832 MACOM-C-282832 Datasheet
103Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-1546018 MACOM-C-1546018 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com