Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCTB3A-2 Datasheet (PDF) - Dubilier

Part # DBCTB3A-2
Description  TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
File Size   105.86 Kbytes
Html View  1 
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTB3A-2 Datasheet (PDF) - Dubilier

Click to view in HTML datasheet.


Similar Part No. - DBCTB3A-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB30-24 DUBILIER-DBCTB30-24 Datasheet
122Kb / 1P
   TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
DBCTB30-24 DUBILIER-DBCTB30-24 Datasheet
122Kb / 1P
   TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
DBCTB33-2 DUBILIER-DBCTB33-2 Datasheet
109Kb / 1P
   TERMINAL BLOCKS 7.5MM PITCH 18 POLE RISING CLAMP
DBCTB33-3 DUBILIER-DBCTB33-3 Datasheet
109Kb / 1P
   TERMINAL BLOCKS 7.5MM PITCH 18 POLE RISING CLAMP
DBCTB332 DUBILIER-DBCTB332 Datasheet
431Kb / 3P
   TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT
More results


Similar Description - DBCTB3A-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB16-2 DUBILIER-DBCTB16-2 Datasheet
110Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB42-2 DUBILIER-DBCTB42-2 Datasheet
110Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB14-2 DUBILIER-DBCTB14-2 Datasheet
131Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB12-2 DUBILIER-DBCTB12-2 Datasheet
131Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB15-2 DUBILIER-DBCTB15-2 Datasheet
126Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
DBCTB17-2 DUBILIER-DBCTB17-2 Datasheet
126Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
DBCTB13-2 DUBILIER-DBCTB13-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
DBCTB48-2 DUBILIER-DBCTB48-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 10mm PITCH VERTICAL MOUNT
DBCTB46-2 DUBILIER-DBCTB46-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
DBCTB4-2 DUBILIER-DBCTB4-2 Datasheet
107Kb / 1P
   TERMINAL BLOCKS 5mm PITCH 90 MOUNT - LOW PROFILE
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com