Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14A-20-16 Datasheet (PDF) - Superworld Electronics

Part # 14A-20-16
Description  POWER TRANSFORMER
File Size   112.5 Kbytes
Html View  1 
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

14A-20-16 Datasheet (PDF) - Superworld Electronics

Click to view in HTML datasheet.


Similar Part No. - 14A-20-16

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
14A-20-16B16 PULSE-14A-20-16B16 Datasheet
164Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series
More results


Similar Description - 14A-20-16

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com