Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7166 Datasheet (PDF) - NTE Electronics

Part # NTE7166
Description  Integrated Circuit Flyback Switching Regulator
File Size   30.37 Kbytes
Html View  1   2   3 
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7166 Datasheet (PDF) - NTE Electronics

Click to view in HTML datasheet.


Similar Part No. - NTE7166

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7160 NTE-NTE7160 Datasheet
30Kb / 2P
   Integrated Circuit Video Switch
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
NTE7163 NTE-NTE7163 Datasheet
43Kb / 3P
   Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
NTE7165 NTE-NTE7165 Datasheet
31Kb / 3P
   DMOS Audio Amplifier, 100W, for Self -Powered Loudspeakers
More results


Similar Description - NTE7166

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
   Integrated Circuit Switching Regulator
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
NTE7046 NTE-NTE7046 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Regulator
NTE7109 NTE-NTE7109 Datasheet
40Kb / 5P
   Integrated Circuit Switching Regulator Control
NTE7073 NTE-NTE7073 Datasheet
19Kb / 2P
   Integrated Circuit Hybrid Switching Regulator
NTE7107 NTE-NTE7107 Datasheet
83Kb / 3P
   Integrated Circuit Switching Regulator, 2.5A
logo
Linear Technology
LT1425 LINER-LT1425 Datasheet
341Kb / 20P
   Isolated Flyback Switching Regulator
logo
Sanken electric
STRW5453A SANKEN-STRW5453A Datasheet
79Kb / 1P
   Resonant Flyback Switching Regulator
logo
Linear Technology
LT1425 LINER-LT1425_15 Datasheet
300Kb / 20P
   Isolated Flyback Switching Regulator
logo
NTE Electronics
NTE1894 NTE-NTE1894 Datasheet
22Kb / 1P
   Integrated Circuit Hybrid Switching Voltage Regulator
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com