Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12181 Datasheet (PDF) - Motorola, Inc

Part # MC12181
Description  125 - 1000 MHZ FREQUENCY SYNTHESIZER
File Size   114.17 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12181 Datasheet (PDF) - Motorola, Inc

Click to view in HTML datasheet.


Similar Part No. - MC12181

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MC1210 RCD-MC1210 Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
logo
Motorola, Inc
MC12100 MOTOROLA-MC12100 Datasheet
122Kb / 7P
   200 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
MC12100P MOTOROLA-MC12100P Datasheet
122Kb / 7P
   200 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
MC12101 MOTOROLA-MC12101 Datasheet
150Kb / 7P
   130 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
logo
List of Unclassifed Man...
MC1210N ETC-MC1210N Datasheet
124Kb / 2P
   LSI CMOS
More results


Similar Description - MC12181

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD809 AD-AD809 Datasheet
282Kb / 8P
   155.52 MHz Frequency Synthesizer
REV. A
logo
Micrel Semiconductor
SM802120 MICREL-SM802120 Datasheet
330Kb / 12P
   ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer
logo
Analog Devices
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
logo
Tyco Electronics
MAVC-060103-132600 MACOM-MAVC-060103-132600 Datasheet
197Kb / 3P
   Synthesizer , SMT 2496 - 2700 MHz, 1000 kHz
MAVC-060103-132100 MACOM-MAVC-060103-132100 Datasheet
197Kb / 3P
   Synthesizer , SMT 2055 - 2265 MHz, 1000 kHz
logo
SYNERGY MICROWAVE CORPO...
BLK-711N SYNERGY-BLK-711N Datasheet
31Kb / 1P
   FREQUENCY RANGE: 1 - 1000 MHz
logo
Tyco Electronics
MAVC-060000-100144 MACOM-MAVC-060000-100144 Datasheet
197Kb / 3P
   Synthesizer , SMT Fixed Frequency, 144 MHz
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com