Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2768A Datasheet (PDF) - Bel Fuse Inc.

Part # 2768A
Description  ISDN MAGNETICS Dual S Interface Transformer
File Size   29.95 Kbytes
Html View  1   2 
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2768A Datasheet (PDF) - Bel Fuse Inc.

Click to view in HTML datasheet.


Similar Part No. - 2768A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2768A BEL-2768A Datasheet
42Kb / 2P
   Dual S Interface Transformer
2768A BEL-2768A_00 Datasheet
42Kb / 2P
   Dual S Interface Transformer
More results


Similar Description - 2768A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2776A BEL-2776A Datasheet
28Kb / 2P
   ISDN MAGNETICS Single S Interface Transformer
2800A BEL-2800A Datasheet
45Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformers
2798A BEL-2798A Datasheet
39Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformers
logo
Rhombus Industries Inc.
T-10554 RHOMBUS-IND-T-10554 Datasheet
29Kb / 1P
   ISDN S-Interface Dual Transformer
T-13502 RHOMBUS-IND-T-13502 Datasheet
31Kb / 1P
   ISDN S-Interface Dual Transformer
T-13503 RHOMBUS-IND-T-13503 Datasheet
32Kb / 1P
   ISDN S-Interface Dual Transformer
T-10502 RHOMBUS-IND-T-10502 Datasheet
28Kb / 1P
   ISDN S-Interface Dual Transformer
T-13556 RHOMBUS-IND-T-13556 Datasheet
33Kb / 1P
   ISDN S-Interface Dual Transformer
T-13504 RHOMBUS-IND-T-13504 Datasheet
32Kb / 1P
   ISDN S-Interface Dual Transformer
T-13554 RHOMBUS-IND-T-13554 Datasheet
32Kb / 1P
   ISDN S-Interface Dual Transformer
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com