Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68761 Datasheet (PDF) - Mitsubishi Electric Semiconductor

Part # M68761
Description  SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM MOBILE RADIO
File Size   39.25 Kbytes
Html View  1   2   3 
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M68761 Datasheet (PDF) - Mitsubishi Electric Semiconductor

Click to view in HTML datasheet.


Similar Part No. - M68761

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68762H MITSUBISHI-M68762H Datasheet
38Kb / 3P
   440-490MHz, 12.5V, 30W, FM MOBILE RADIO
M68762L MITSUBISHI-M68762L Datasheet
39Kb / 3P
   400-450MHz, 12.5V, 30W, FM MOBILE RADIO
M68762SH MITSUBISHI-M68762SH Datasheet
34Kb / 1P
   470-512MHz, 12.5V, 30W, FM MOBILE RADIO
M68762SL MITSUBISHI-M68762SL Datasheet
333Kb / 1P
   Silicon Bipolar Power Amplifier, 350-400MHz 30W FM Mobile
M68763H MITSUBISHI-M68763H Datasheet
12Kb / 1P
   230-250MHz, 7.2V, 5.3W, FM PORTABLE RADIO
More results


Similar Description - M68761

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68701 MITSUBISHI-M68701 Datasheet
28Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM PORTABLE RADIO
M67766B MITSUBISHI-M67766B Datasheet
205Kb / 5P
   820-851MHz, 12.5V, 6W, FM MOBILE RADIO
RA06H8285M MITSUBISHI-RA06H8285M_10 Datasheet
94Kb / 9P
   820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
M68701M MITSUBISHI-M68701M Datasheet
142Kb / 3P
   Silicon MOS FET Power Amplifier, 860-915MHz 6W FM /Digital Mobile
M68701H MITSUBISHI-M68701H Datasheet
133Kb / 3P
   Silicon MOS FET Power Amplifier, 890-960MHz 6W FM /Digital Mobile
RA06H8285M MITSUBISHI-RA06H8285M_11 Datasheet
186Kb / 9P
   RoHS Compliance, 820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67759 MITSUBISHI-M67759 Datasheet
83Kb / 2P
   872-905MHz, 12.5V, 6W, FM MOBILE RADIO???
M68772 MITSUBISHI-M68772 Datasheet
245Kb / 2P
   Silicon MOS FET Power Amplifier, 890-915MHz 13W FM Mobile
M67754 MITSUBISHI-M67754 Datasheet
305Kb / 3P
   824-849MHz, 12.5V, 6W, FM MOBILE RADIO
M67799UHA MITSUBISHI-M67799UHA Datasheet
14Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 470-490MHz, 7W, FM PORTABLE RADIO
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com