Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFGHL75T65SQDC Datasheet (PDF) - ON Semiconductor

Part # AFGHL75T65SQDC
Description  Hybrid Field Stop Trench IGBT 650 V, 75 A, TO247
File Size   261.65 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AFGHL75T65SQDC Datasheet (PDF) - ON Semiconductor

Click to view in HTML datasheet.


Similar Part No. - AFGHL75T65SQDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AFGHL75T65SQD ONSEMI-AFGHL75T65SQD Datasheet
340Kb / 9P
   Field Stop Trench IGBT 650 V, 75 A
October, 2019 ??Rev. 0
AFGHL75T65SQDT ONSEMI-AFGHL75T65SQDT Datasheet
260Kb / 9P
   Field Stop Trench IGBT 650 V, 75 A
November, 2019 ??Rev. 0
More results


Similar Description - AFGHL75T65SQDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH75T65SQD ONSEMI-FGH75T65SQD Datasheet
532Kb / 10P
   IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5
AFGHL75T65SQDT ONSEMI-AFGHL75T65SQDT Datasheet
260Kb / 9P
   Field Stop Trench IGBT 650 V, 75 A
November, 2019 ??Rev. 0
FGH75T65SHD ONSEMI-FGH75T65SHD Datasheet
1Mb / 9P
   IGBT - Field Stop, Trench 650 V, 75 A
November, 2020 ??Rev. 4
FGH75T65SHDT ONSEMI-FGH75T65SHDT Datasheet
2Mb / 9P
   IGBT - Field Stop, Trench 650 V, 75 A
Spetember, 2021 ??Rev. 4
AFGHL75T65SQD ONSEMI-AFGHL75T65SQD Datasheet
340Kb / 9P
   Field Stop Trench IGBT 650 V, 75 A
October, 2019 ??Rev. 0
FGH75T65SHDTL4 ONSEMI-FGH75T65SHDTL4 Datasheet
575Kb / 9P
   IGBT - Field Stop, Trench 650 V, 75 A
December, 2019 - Rev. 2
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
   Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
   Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
AFGHL50T65SQD ONSEMI-AFGHL50T65SQD Datasheet
257Kb / 9P
   Field Stop Trench IGBT 50A, 650V
January, 2020 ??Rev. 1
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com