Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M80-5410405 Datasheet (PDF) - Harwin Plc

Part # M80-5410405
Description  DATAMATE J-TEK DIL HORIZ 4.5mm PC TAIL MALE ASSY WITH BOARD MOUNT
File Size   93.04 Kbytes
Html View  1 
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M80-5410405 Datasheet (PDF) - Harwin Plc

Click to view in HTML datasheet.


Similar Part No. - M80-5410405

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-5400405 HARWIN-M80-5400405 Datasheet
103Kb / 1P
   JACKSCREW DATAMATE DIL HORIZONTAL PC TAIL MALE ASSEMBLY (BOARD MOUNT)
M80-5400422 HARWIN-M80-5400422 Datasheet
103Kb / 1P
   JACKSCREW DATAMATE DIL HORIZONTAL PC TAIL MALE ASSEMBLY (BOARD MOUNT)
M80-5400442 HARWIN-M80-5400442 Datasheet
103Kb / 1P
   JACKSCREW DATAMATE DIL HORIZONTAL PC TAIL MALE ASSEMBLY (BOARD MOUNT)
M80-5405005 HARWIN-M80-5405005 Datasheet
103Kb / 1P
   JACKSCREW DATAMATE DIL HORIZONTAL PC TAIL MALE ASSEMBLY (BOARD MOUNT)
M80-5405022 HARWIN-M80-5405022 Datasheet
103Kb / 1P
   JACKSCREW DATAMATE DIL HORIZONTAL PC TAIL MALE ASSEMBLY (BOARD MOUNT)
More results


Similar Description - M80-5410405

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-5111042 HARWIN-M80-5111042 Datasheet
72Kb / 1P
   DATAMATE J-TEK DIL VERT 4.5mm PC TAIL MALE ASSY WITH BOARD MOUNT
M80-5420405 HARWIN-M80-5420405 Datasheet
88Kb / 1P
   DATAMATE J-TEK DIL HORIZ SMT MALE ASSY WITH BOARD MOUNT
M80-5110405 HARWIN-M80-5110405 Datasheet
72Kb / 1P
   DATAMATE J-TEK DIL VERT 4.5mm PC TAIL MALE ASSY WITH DOARD MOUNT
M80-5L10405MC HARWIN-M80-5L10405MC Datasheet
173Kb / 1P
   DATAMATE J-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
M80-5430405 HARWIN-M80-5430405 Datasheet
97Kb / 1P
   DATAMATE J-TEK DIL HORIZ SMT MALE ASSY WITH LONG BOARD MOUNT
M80-5L10405MD HARWIN-M80-5L10405MD Datasheet
117Kb / 1P
   DATAMATE MIX-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY
M80-4060401 HARWIN-M80-4060401 Datasheet
127Kb / 1P
   DATAMATE J-TEK FEMALE DIL VERTICAL 4.5mm PC-TAIL
M80-5300405 HARWIN-M80-5300405 Datasheet
97Kb / 1P
   DATAMATE J-TEK MALE DIL HORIZONTAL PC TAIL WITH JACKSCREW
M80-5D10605B1 HARWIN-M80-5D10605B1 Datasheet
159Kb / 1P
   DATAMATE J-TEK DIL MALE CRIMP ASSY
M80-5T10605B1 HARWIN-M80-5T10605B1 Datasheet
145Kb / 1P
   DATAMATE J-TEK DIL VERTICAL 2.7mm PC-TAIL MALE ASSY WITH METAL BACKSHELL
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com