Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0797580007 Datasheet (PDF) - Molex Electronics Ltd.

Part # 0797580007
Description  Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 150mm, 22 AWG
File Size   44.78 Kbytes
Html View  1 
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0797580007 Datasheet (PDF) - Molex Electronics Ltd.

Click to view in HTML datasheet.


Similar Part No. - 0797580007_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580007 MOLEX9-0797580007 Datasheet
157Kb / 2P
   KK Hot Tin (Sn) 22 AWG,UL1061,150MM
More results


Similar Description - 0797580007_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580015 MOLEX1-0797580015_18 Datasheet
44Kb / 1P
   Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 300mm, 22 AWG
0797582024 MOLEX1-0797582024 Datasheet
39Kb / 1P
   Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 300mm, 24 AWG
0797580003 MOLEX1-0797580003_18 Datasheet
40Kb / 1P
   Pre-Crimped Lead SL Female-to-SL Female, 150mm, 22 AWG
0797581008 MOLEX1-0797581008 Datasheet
43Kb / 1P
   Pre-Crimped Lead DuraClik Female-to-DuraClik Female, 150mm, 26 AWG
0797582031 MOLEX1-0797582031 Datasheet
43Kb / 1P
   Pre-Crimped Lead MLX Female-to-MLX Female, 150mm, 18 AWG
0797582043 MOLEX1-0797582043 Datasheet
43Kb / 1P
   Pre-Crimped Lead Sabre Female-to-Sabre Female, 150mm, 16 AWG
0797581020 MOLEX1-0797581020 Datasheet
42Kb / 1P
   Pre-Crimped Lead Sherlock Female-to-Sherlock Female, 150mm, 26 AWG
0797581001 MOLEX1-0797581001_18 Datasheet
43Kb / 1P
   Pre-Crimped Lead MicroClasp Female-to-MicroClasp Female, 150mm, 24 AWG
0797582022 MOLEX1-0797582022 Datasheet
37Kb / 1P
   Pre-Crimped Lead C-Grid III Female-to-C-Grid III Female, 150mm, 22 AWG
0797580011 MOLEX1-0797580011_18 Datasheet
40Kb / 1P
   Pre-Crimped Lead SL Female-to-SL Female, 300mm, 22 AWG
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com