Manufacturer | Part # | Datasheet | Description |
PHOENIX CONTACT |
2700606
|
75Kb / 6P |
Safety-related digital output module, IP20 protection, for the SafetyBridge system. The module has four safe digital outputs with two-channel occupancy or 8 safe digital outputs with single-channel occupancy
|
2701625
|
64Kb / 5P |
Generation and monitoring of the SafetyBridge protocol
|
2742751
|
108Kb / 4P |
I/O coupling module (gateway) for an INTERBUS system and a PROFIBUS DP system, 24 V DC, protection type IP20
|
2741671
|
107Kb / 3P |
Digital input/output module, degree of protection IP20, 4 digital inputs, 24 V DC, COMBICON plugs included
|
Weidmuller |
2009360000
|
733Kb / 12P |
Remote I/O module, IP20, Digital signals, Input, 4- channel
03.02.2023 |
NHP Electrical Engineer... |
5094-IB16S
|
591Kb / 1P |
FLEX 5000 DIGITAL 16 INPUT SAFETY MODULE
8 June 2023, |
Weidmuller |
1315370000
|
692Kb / 12P |
Remote I/O module, IP20, Digital signals, Input, 8- channel
03.02.2023 |
1315390000
|
692Kb / 12P |
Remote I/O module, IP20, Digital signals, Input, 16-channel
03.02.2023 |
1460150000
|
827Kb / 12P |
Remote I/O module, IP20, 4-channel, Digital signals, Input
03.02.2023 |
2457240000
|
668Kb / 10P |
Remote I/O module, IP20, Digital signals, Input, 8- channel
03.02.2023 |