Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2700141 Datasheet (PDF) - PHOENIX CONTACT

Part # 2700141
Description  Siren element, 7혻tones, 24혻V혻DC, max.혻100혻dB(A), ton range over 3 signal lines
File Size   212.66 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700141 Datasheet (PDF) - PHOENIX CONTACT

Click to view in HTML datasheet.


Similar Part No. - 2700141

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700140 PHOENIX-2700140 Datasheet
246Kb / 13P
   Voice output element for 24 V DC
2700142 PHOENIX-2700142 Datasheet
43Kb / 2P
   Bulb, 5 W, 24 V, BA15d base
2700143 PHOENIX-2700143 Datasheet
50Kb / 2P
   Angle for base mounting, black
2700144 PHOENIX-2700144 Datasheet
51Kb / 3P
   Angle for floor mounting, black
2700145 PHOENIX-2700145 Datasheet
49Kb / 2P
   M16 cable threaded joint x 1.5 mm, black
More results


Similar Description - 2700141

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700134 PHOENIX-2700134 Datasheet
140Kb / 5P
   LED flashing beacon element, 24혻V혻DC, double flash
2700115 PHOENIX-2700115 Datasheet
140Kb / 5P
   LED flashing beacon element, 24혻V혻DC, double flash
2700124 PHOENIX-2700124 Datasheet
140Kb / 5P
   LED flashing beacon element, 24혻V혻DC, double flash
2700129 PHOENIX-2700129 Datasheet
140Kb / 5P
   LED flashing beacon element, 24혻V혻DC, double flash
2700139 PHOENIX-2700139 Datasheet
131Kb / 5P
   Siren element, alternating, 24 V DC, max. 105 dB(A)
2700138 PHOENIX-2700138 Datasheet
138Kb / 6P
   Siren element, 8 tones, 24 V AC/DC, max. 100 dB(A)
logo
HOKURIKU ELECTRIC INDUS...
E401202 HOKURIKU-E401202 Datasheet
55Kb / 1P
   Cross-Over Jumer-Lines
logo
Murata Manufacturing Co...
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com