Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM2P249TFVK-001 Datasheet (PDF) - Rohm

Part # BM2P249TFVK-001
Description  Non-Isolation Buck Converter PWM method Output 3W 24V
File Size   926.01 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P249TFVK-001 Datasheet (PDF) - Rohm

Click to view in HTML datasheet.


Similar Part No. - BM2P249TFVK-001

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P249TF ROHM-BM2P249TF Datasheet
926Kb / 10P
   Non-Isolation Buck Converter PWM method Output 3W 24V
More results


Similar Description - BM2P249TFVK-001

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P249TF ROHM-BM2P249TF Datasheet
926Kb / 10P
   Non-Isolation Buck Converter PWM method Output 3W 24V
BM2P139TF ROHM-BM2P139TF_18 Datasheet
859Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2.6W 13V
BM2P161W ROHM-BM2P161W_18 Datasheet
381Kb / 10P
   Non-Isolation Buck Converter PWM method Output 10W 16.5V
BM2P161WVK-001 ROHM-BM2P161WVK-001 Datasheet
381Kb / 10P
   Non-Isolation Buck Converter PWM method Output 10W 16.5V
BM2P129TFVK-001 ROHM-BM2P129TFVK-001 Datasheet
960Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 12V
BM2P109TF ROHM-BM2P109TF Datasheet
850Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 10V
BM2P129TF ROHM-BM2P129TF_18 Datasheet
960Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 12V
BM2P109TFVK-001 ROHM-BM2P109TFVK-001 Datasheet
850Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 10V
BM2P159T1F ROHM-BM2P159T1F Datasheet
867Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2.6W 15V
BM2P016T ROHM-BM2P016T Datasheet
964Kb / 12P
   Isolation Fly-back type PWM method Output 30W 24V Output
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com