Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD95841MUV Datasheet (PDF) - Rohm

Part # BD95841MUV
Description  7.5V to 15V, 4A Integrated MOSFET
File Size   789.87 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95841MUV Datasheet (PDF) - Rohm

Click to view in HTML datasheet.


Similar Part No. - BD95841MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9584F ROHM-BD9584F Datasheet
183Kb / 4P
   Semiconductor IC
BD9584F-E ROHM-BD9584F-E Datasheet
574Kb / 14P
   EARTH LEAKAGE CURRENT DETECTOR IC
BD9584F-E2 ROHM-BD9584F-E2 Datasheet
574Kb / 14P
   EARTH LEAKAGE CURRENT DETECTOR IC
More results


Similar Description - BD95841MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95821MUV ROHM-BD95821MUV Datasheet
992Kb / 26P
   7.5V to 15V, 2A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD95831MUV ROHM-BD95831MUV Datasheet
853Kb / 26P
   7.5V to 15V, 3A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD95861MUVEVK-101 ROHM-BD95861MUVEVK-101 Datasheet
861Kb / 11P
   7.5V to 18V, 6A Integrated MOSFET
logo
Maxim Integrated Produc...
MAX17681AEVKITE MAXIM-MAX17681AEVKITE Datasheet
768Kb / 8P
   Isolated -15V and -7.5V Output Configuration
Rev 0; 3/17
logo
Rohm
BD95861MUV ROHM-BD95861MUV Datasheet
1Mb / 26P
   7.5V to 18V, 6A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
logo
Maxim Integrated Produc...
MAX17681EVKITE MAXIM-MAX17681EVKITE Datasheet
2Mb / 11P
   MAX17681 for Isolated -15V and -7.5V Output Configuration
Rev 0; 5/16
logo
Linear Technology
LTM4661 LINER-LTM4661 Datasheet
646Kb / 20P
   15V, 4A Step-Up 關Module Regulator
logo
Analog Devices
LT8722 AD-LT8722 Datasheet
1Mb / 30P
   Ultracompact 4A, 15V, Full Bridge Driver with SPI
logo
International Rectifier
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
logo
Intersil Corporation
ISL8121 INTERSIL-ISL8121 Datasheet
651Kb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com