Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRDCIP2021C-2 Datasheet (PDF) - International Rectifier

Part # IRDCIP2021C-2
Description  IRDCiP2021C-2: 500kHz, 20A, Dual Output, 180o Out of Phase Synchronous Buck Converter
File Size   1461.41 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDCIP2021C-2 Datasheet (PDF) - International Rectifier

Click to view in HTML datasheet.


Similar Part No. - IRDCIP2021C-2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2021C-1 IRF-IRDCIP2021C-1 Datasheet
1Mb / 12P
   IRDCiP2021C-1: 500kHz, 40A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2021C and IR3623M
More results


Similar Description - IRDCIP2021C-2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2005C-2 IRF-IRDCIP2005C-2 Datasheet
1Mb / 16P
   IRDCiP2005C-2: 500kHz, 30A, Dual Output, 180o Out of Phase Synchronous Buck Converter Featuring iP2005C and IR3623M
IRDCIP2021C-1 IRF-IRDCIP2021C-1 Datasheet
1Mb / 12P
   IRDCiP2021C-1: 500kHz, 40A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2021C and IR3623M
IRDCIP2001-A IRF-IRDCIP2001-A Datasheet
651Kb / 8P
   500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
logo
Linear Technology
LTC3850EUF LINER-LTC3850EUF Datasheet
432Kb / 10P
   Dual Phase/Dual Output Synchronous Buck Converter
logo
ON Semiconductor
NCP5422A ONSEMI-NCP5422A Datasheet
126Kb / 18P
   Dual Out-of-Phase Synchronous Buck Controller with Current Limit
November, 2003 ??Rev. 4
logo
International Rectifier
IRDCIP2005C-1 IRF-IRDCIP2005C-1 Datasheet
1Mb / 13P
   IRDCiP2005C-1: 500kHz, 60A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2005C and IR3623M
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
   24V 2A 500kHz synchronous Buck Converter
logo
Linear Technology
LTC3855EFE LINER-LTC3855EFE Datasheet
312Kb / 12P
   Dual Output Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7324 ANPEC-APW7324 Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
logo
Micrel Semiconductor
MIC2150 MICREL-MIC2150 Datasheet
803Kb / 27P
   2-Phase Dual Output PWM Synchronous Buck Control IC
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com