Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8503BG Datasheet (PDF) - NEC

Part # NX8503BG
Description  NECs 1550 nm InGaAsP MQW DFB LASER DIODE
File Size   98.61 Kbytes
Html View  1   2   3   4   5 
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8503BG Datasheet (PDF) - NEC

Click to view in HTML datasheet.


Similar Part No. - NX8503BG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8503BG-CC RENESAS-NX8503BG-CC Datasheet
240Kb / 13P
   LASER DIODE
2002
More results


Similar Description - NX8503BG

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX7527 CEL-NX7527 Datasheet
189Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7526 CEL-NX7526 Datasheet
189Kb / 3P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
NX7561 CEL-NX7561 Datasheet
185Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7528 CEL-NX7528 Datasheet
190Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7529 CEL-NX7529 Datasheet
190Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com