Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE145A Datasheet (PDF) - NTE Electronics

Part # NTE145A
Description  NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
File Size   52.32 Kbytes
Html View  1   2   3   4 
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE145A Datasheet (PDF) - NTE Electronics

Click to view in HTML datasheet.


Similar Part No. - NTE145A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1451 NTE-NTE1451 Datasheet
79Kb / 1P
   Integrated Circuit 2−Channel, Low Noise, Equalizer Amp
NTE1453 NTE-NTE1453 Datasheet
74Kb / 2P
   Integrated Circuit 2−Channel, Low Noise, Equalizier Amp
NTE1457 NTE-NTE1457 Datasheet
67Kb / 1P
   Integrated Circuit Low Noise, Equailizer Amp
NTE1458 NTE-NTE1458 Datasheet
17Kb / 2P
   Integrated Circuit Dual Audio Preamp
NTE1459 NTE-NTE1459 Datasheet
70Kb / 2P
   Integrated Circuit Low Noise, Equalizier Amp
More results


Similar Description - NTE145A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5139A NTE-NTE5139A Datasheet
31Kb / 3P
   NTE5111A thru NTE5166A Zener Diode, 5 Watt 5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5000A NTE-NTE5000A Datasheet
26Kb / 3P
   Zener Diode, 1/2 Watt 짹5% Tolerance
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
Central Semiconductor C...
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
BZV55C2V4 CENTRAL-BZV55C2V4_10 Datasheet
318Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5% TOLERANCE
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com