|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Datasheet |
||||||||||||||||||||||||||||||
HX8001 - 28.5-30.5 GHz Passive Upconverter - HBH Microwave GmbH | ||||||||||||||||||||||||||||||
| ||||||||||||||||||||||||||||||
HX8001 : 28.5-30.5 GHz Passive Upconverter
|
|
Your require pages is cannot open by blow
Reason : Connect this pages through directly deep link
alldatasheet.com is Free datasheet search site.
You can use All semiconductor datasheet in Alldatasheet, by No Fee and No register.
If you have any questions about using to our site, please contact
benjamin@alldatasheet.com .
We always welcome to your contact.
| If the datasheet does not displayed, please, download the Adobe Reader or click to view in HTML datasheet. |
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TGC4405-SM | 17 - 27 GHz Packaged Upconverter | 1 2 3 4 5 More | TriQuint Semiconductor |
| SM0218LC1CD | 2 TO 18 GHz SINGLE-SIDEBAND UPCONVERTER OR I/Q MODULATOR | 1 2 | List of Unclassifed Manufacturers |
| HMC-XDB112 | GaAs MMIC PASSIVE FREQUENCY DOUBLER 10 - 15 GHz INPUT | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC204_08 | GaAs MMIC PASSIVE FREQUENCY DOUBLER 4 - 8 GHz INPUT | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC204C8_06 | GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER 4 - 8 GHz INPUT | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC187MS8_06 | GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER 0.85 - 2.0 GHz INPUT | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC156C8_06 | GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER 0.7 - 2.4 GHz INPUT | 1 2 3 4 | Hittite Microwave Corporation |
| HMC331_08 | GaAs MMIC PASSIVE FREQUENCY DOUBLER 12 - 18 GHz INPUT | 1 2 3 4 5 More | Hittite Microwave Corporation |
Link URL |
|
|