Electronic Component's Datasheet Search Site

Mirror site :  alldatasheet.netalldatasheet.co.krcn.alldatasheet.comalldatasheet.jpalldatasheet.esalldatasheet.fr
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 

Shortcut

        08055J4R7BASTR(1)

Datasheet

    08055J4R7BASTR - Thin-Film Technology - AVX Corporation

Part No.08055J4R7BASTR
Description Thin-Film Technology
File Size 1826.14 Kbytes / 19 Pages
Maker AVX Corporation




08055J4R7BASTR : Thin-Film Technology
AVX Corporation

Your require pages is cannot open by blow
Reason : Connect this pages through directly deep link

?

?

alldatasheet.com is Free datasheet search site.
You can use All semiconductor datasheet in Alldatasheet, by No Fee and No register.
If you have any questions about using to our site, please contact master@alldatasheet.com .
We always welcome to your contact.

?
If you can't see datasheet, Click Here

Related Electronics Part Number

Part NumberComponents DescriptionManufacturer
VRMBulk Metal¢ē Foil Technology Industrial Miniature Precision Resistor with TCR of ”¾ 4 ppm/”ĘC and Tolerance to ”¾ 0.01 % Vishay Siliconix
VHP-3Bulk Metal¢ē Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/”ĘC and Power up to 10 Watts Vishay Siliconix
L67502 to 5 phase controller with LTB technology for VR11.x and AMD6bit CPUs featuring I2C interface STMicroelectronics
LM95245Precision Remote Diode Digital Temperature Sensor with TruTherm¢ā BJT Beta Compensation Technology for 45nm Process National Semiconductor
PIC18F1220_0718/20/28-Pin High-Performance Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology Microchip Technology
PIC18F245828/40/44-Pin High-Performance Enhanced Flash USB Microcontrollers with 12-Bit A/D and nanoWatt Technology Microchip Technology
GMBD4148high-speed switching application in hybrid thick-and thin-film circuits GTM CORPORATION
B72500T0040M060Multilayer technology EPCOS
SZ3C1_07Surface Mount Silicon-Zener Diodes non-planar technology Diotec Semiconductor

Link URL


Sponsor of Alldatasheet




Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET.COM help your business so far?   

About Alldatasheet   |  Advertisement   |   Partner program   | Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2009   


Mirror Sites
English : Alldatasheet.com  ,  Alldatasheet.net  ,  Alldatasheet.co.kr  |  Chinese :Cn.alldataseet.com  |  Japanese : Alldatasheet.jp  |  Spanish : Alldatasheet.es  |  French : Alldatasheet.fr