|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Datasheet |
||||||||||||||||||||||||||||||
FDMS5672_0712 - N-Channel UltraFET Trench® MOSFET - Fairchild Semiconductor | ||||||||||||||||||||||||||||||
| ||||||||||||||||||||||||||||||
FDMS5672_0712 : N-Channel UltraFET Trench® MOSFET
|
|
Your require pages is cannot open by blow
Reason : Connect this pages through directly deep link
alldatasheet.com is Free datasheet search site.
You can use All semiconductor datasheet in Alldatasheet, by No Fee and No register.
If you have any questions about using to our site, please contact
benjamin@alldatasheet.com .
We always welcome to your contact.
| If the datasheet does not displayed, please, download the Adobe Reader or click to view in HTML datasheet. |
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDMC2674_07 | N-Channel UltraFET Trench MOSFET 220V 7.0A 366mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD5353 | N-Channel Power Trench® MOSFET 60V 50A 12.3mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDMC2610_07 | N-Channel UltraFET Trench® MOSFET 200V 9.5A 200mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF75344A3 | N-Channel UltraFET Power MOSFET 55V 75A 8mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDMS5352 | N-Channel Power Trench® MOSFET 60V 49A 6.7mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD5810_07 | N-Channel Logic Level Trench® MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDMS3572_07 | N-Channel UltraFET Trench® MOSFET 80V 22A 16.5m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDMC8462 | N-Channel Power Trench® MOSFET 40V 20A 5.8mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDMS8460 | N-Channel Power Trench® MOSFET 40V 49A 2.2mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
Link URL |
|
|