![]() Datasheet Search System ![]() Mirror site : alldatasheet.net alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet | ||||||||||||||||||||||||||
2MBI400U2B-060 - IGBT Module U-Series 600V / 400A 2 in one-package - ETC | ||||||||||||||||||||||||||
| ||||||||||||||||||||||||||
2MBI400U2B-060 : IGBT Module U-Series 600V / 400A 2 in one-package
|
||||||||||||||||||||||||||
|
Your require pages is cannot open by blow
Reason : Connect this pages through directly deep link
กก
กก
alldatasheet.com is Free datasheet search site.
You can use All semiconductor datasheet in Alldatasheet, by No Fee and No register.
If you have any questions about using to our site, please contact
master@alldatasheet.com .
We always welcome to your contact.
| If you can't see datasheet, Click Here |
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1MBI400S-120 | 1200V / 400A 1 in one-package IGBT Module | Fuji Electric |
| 2MBI300UC-120 | IGBT Module U-Series 1200V / 300A 2 in one-package | ETC |
| 6MBI100UB-120 | IGBT Module U-Series 1200V / 100A 6 in one-package | ETC |
| 6MBI225U-120 | IGBT Module U-Series 1200V / 225A 6 in one-package | ETC |
| 2MBI150UA-120 | IGBT Module U-Series 1200V / 150A 2 in one-package | ETC |
| 2MBI75UA-120 | IGBT Module U-Series 1200V / 75A 2 in one-package | ETC |
| 3MBI150U-120 | IGBT Module U-Series 1200V / 150A 3 in one-package | ETC |
| 6MBI225U-170 | IGBT Module U-Series 1700V / 225A 6 in one-package | ETC |
| 3MBI150UC-120 | IGBT Module U-Series 1200V / 150A 3 in one-package | ETC |
Buy/Sell Marketplace |
|
Link URL |
|
|
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |