![]() Datasheet Search System ![]() Mirror site : alldatasheet.net alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet | ||||||||||||||||||||||||||
AD9238BST-20 - 12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter - Analog Devices | ||||||||||||||||||||||||||
| ||||||||||||||||||||||||||
AD9238BST-20 : 12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
|
||||||||||||||||||||||||||
|
Your require pages is cannot open by blow
Reason : Connect this pages through directly deep link
กก
กก
alldatasheet.com is Free datasheet search site.
You can use All semiconductor datasheet in Alldatasheet, by No Fee and No register.
If you have any questions about using to our site, please contact
master@alldatasheet.com .
We always welcome to your contact.
| If you can't see datasheet, Click Here |
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ADC12DS065 | Dual 12-Bit 65/80/95/105 MSPS A/D Converter with Serial LVDS outputs | National Semiconductor |
| ADC12V170 | 12-Bit 170 MSPS 1.1 GHz Bandwidth A/D Converter with LVDS Outputs | National Semiconductor |
| ADC14DC080 | Dual 14-Bit 80/105 MSPS A/D Converter with CMOS Outputs | National Semiconductor |
| MCP3202_06 | 2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface | Microchip Technology |
| SPT7920 | 12-BIT 10 MSPS TTL A/D CONVERTER | ETC |
| AD9245 | 14-Bit 20 MSPS/40 MSPS/65 MSPS/80 MSPS 3 V A/D Converter | Analog Devices |
| AD9237 | 12-Bit 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter | Analog Devices |
| AD9228 | Quad 12-bit 40/65 MSPS Serial LVDS 1.8 V A/D Converter | Analog Devices |
| AD9236 | 12-Bit 80 MSPS 3 V A/D Converter | Analog Devices |
Buy/Sell Marketplace |
|
Link URL |
|
|
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |