Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10ERB20 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # 10ERB20
Description  FRD - 1A 200V 60ns
File Size   70.76 Kbytes
Html View  1   2   3   4   5 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

10ERB20 Datasheet (PDF) - Nihon Inter Electronics Corporation

Click to view in HTML datasheet.


Similar Part No. - 10ERB20

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
10ERB20DG GULFSEMI-10ERB20DG Datasheet
171Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 600V CURRENT: 1.0A
logo
National Instruments Co...
10ERB20 NI-10ERB20_15 Datasheet
107Kb / 1P
   FRED
10ERB20_2015 NI-10ERB20_2015 Datasheet
107Kb / 1P
   FRED
More results


Similar Description - 10ERB20

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10DRA20 NIEC-10DRA20 Datasheet
58Kb / 5P
   FRD - 1A 200V 60ns
10ERB10 NIEC-10ERB10 Datasheet
70Kb / 5P
   FRD - 1A 100V 60ns
10DRA10 NIEC-10DRA10 Datasheet
59Kb / 5P
   FRD - 1A 100V 60ns
P2H60F2 NIEC-P2H60F2 Datasheet
155Kb / 3P
   FRD MODULE 60A/200V
P2H30F2 NIEC-P2H30F2 Datasheet
155Kb / 3P
   FRD MODULE 30A/200V
15KRA20 NIEC-15KRA20 Datasheet
64Kb / 5P
   FRD - 1.5A 200V 90ns
P2H80F2 NIEC-P2H80F2 Datasheet
155Kb / 3P
   FRD MODULE 80A/200V
10ERB60 NIEC-10ERB60 Datasheet
70Kb / 5P
   FRD - 1A 600V 120ns
10DRA40 NIEC-10DRA40 Datasheet
58Kb / 5P
   FRD - 1A 400V 120ns
10DRA60 NIEC-10DRA60 Datasheet
58Kb / 5P
   FRD - 1A 600A 120ns
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com